Part Number Hot Search : 
4AC24 SXX18 TDA1013B F130410 TSE02B TC5020 CD6281CA F55976
Product Description
Full Text Search
 

To Download 30KPA240CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  plastic package. glass passivated junction. 30, 000w peak pulse power capability on 10/1000s waveform. excellent clamping capability. repetition rate (duty cycle): 0.05%. low incremental surge resistance. fast response time: typically less than 1.0ps from 0 v olt to bv. high temperature soldering guaranteed: 265c/10 seconds/.375", (9.5mm) lead length, 5lbs., (2.3kg) tension. m case: molded plastic over glass passivated junction. terminals: plated axial leads, solderable per mil-std-750, method 2026. polarity: color band denotes cathode except bipolar. mounting position: any. weight: 0.07 ounce, 2.3 grams. d for b idirectional use c or ca suffix for type 30kpa30 through type 30kpa288 (e.g. 30kpa30c, 30kpa288ca); e lectrical characteristics a pply in both directions. m 6 ul e223045 f eatures m echanical d ata d evices f or b ipolar a pplication m aximum r atings a nd c haracteristics ratings at 25c ambient temperature unless otherwise specified. p600 notes: 1. non-repetitive current pulse, per fig. 3 and derated above t a =25 pe r fig. 2. 22 . 8.3ms single half sine-wave, or equivalent square wave, duty cycle = 4 pulses per minute maximum. c rating symbol value unit peak pulse power dissipation on 10/1000 s waveform . (note 1, fig. 1) p ppm minimum 0000 watts peak pulse current on 10/1000 s waveform. (note 1, fig. 3) i ppm see table a mps steady state power dissipation at t l =75 , lead length .375? (9.5mm). (fig. 5) p m(av) 8.0 watts peak forward surge current, 8.3ms single half sine-wave superimposed on rated load . (jedec method) (note 2, fig. 6) i fsm 400 amps operating junction and storage temperature range. t j , t stg -5 5 to +175 c c 30,000 transient voltage suppressors 0kpa series meritek all specifications are subject to change without notice. 1 rev 7
millimeters inches item min. max. min. max. l 25.40 - 1.000 - t 8.60 9.10 0.340 0.360 d 8.60 9.10 0.340 0.360 s 1.22 1.32 0.048 0.052 l l t d s dia. dia. p600 part number reverse stand-off voltage breakdown voltage min.@i t test current maximum clamping voltage @i pp peak pulse current reverse leakage @ v rwm uni-polar bi-polar v rwm (v) v br min (v) i t (ma) v c (v) i pp (a) 30kpa28a 30kpa28ca 28.0 31.28 50 50.0 606.0 5000 30kpa30a 30kpa30ca 30.0 33.51 50 55.2 548.9 5000 30kpa33a 30kpa33ca 33.0 36.90 50 58.5 517.9 5000 30kpa36a 30kpa36ca 36.0 40.20 50 61.8 490.3 5000 30kpa39a 30kpa39ca 39.0 43.60 20 67.2 450.9 2000 30kpa42a 30kpa42ca 42.0 46.90 10 72.0 420.8 1000 30kpa43a 30kpa43ca 43.0 48.00 10 73.0 415.1 1000 30kpa45a 30kpa45ca 45.0 50.30 5 77.4 391.5 250 30kpa48a 30kpa48ca 48.0 53.60 5 81.6 371.3 150 30kpa51a 30kpa51ca 51.0 57.00 5 86.4 350.7 50 30kpa54a 30kpa54ca 54.0 60.30 5 91.4 331.5 20 30kpa58a 30kpa58ca 58.0 64.80 5 92.4 327.9 20 p ackage d imensions s pecifications i r (  a) transient voltage suppressors 0kpa series meritek 2 rev 7
e note: for b idirectional type having v rwm of 10 volts and less, the i r limit double s. part number reverse stand-off voltage breakdown voltage min.@i t test current maximum clamping voltage @i pp peak pulse current reverse leakage @ v rwm uni-polar bi-polar v rwm (v) v br min (v) i t (ma) v c (v) i pp (a) 30kpa60a 30kpa60ca 60.0 67.00 5 102.0 297.1 15 30kpa64a 30kpa64ca 64.0 71.50 5 104.0 291.3 10 30kpa66a 30kpa66ca 66.0 73.70 5 107.0 283.2 2 30kpa70a 30kpa70ca 70.0 78.20 5 109.0 278.0 2 30kpa71a 30kpa71ca 71.0 79.30 5 111.5 271.7 2 30kpa72a 30kpa72ca 72.0 80.40 5 114.0 265.8 2 30kpa75a 30kpa75ca 75.0 83.80 5 119.4 253.8 2 30kpa78a 30kpa78ca 78.0 87.10 5 129.0 234.9 2 30kpa84a 30kpa84ca 84.0 93.80 5 139.2 217.7 2 30kpa90a 30kpa90ca 90.0 100.50 5 146.4 207.0 2 30kpa96a 30kpa96ca 96.0 107.20 5 156.0 194.2 2 30kpa102a 30kpa102ca 102.0 113.90 5 165.6 183.0 2 30kpa108a 30kpa108ca 108.0 120.60 5 175.2 172.9 2 30kpa120a 30kpa120ca 120.0 134.00 5 194.4 155.9 2 30kpa132a 30kpa132ca 132.0 147.40 5 213.0 142.3 2 30kpa144a 30kpa144ca 144.0 160.80 5 223.2 135.8 2 30kpa150a 30kpa150ca 150.0 167.60 5 233.4 129.8 2 30kpa156a 30kpa156ca 156.0 174.30 5 245.0 123.7 2 30kpa160a 30kpa160ca 160.0 178.70 5 252.6 120.0 2 30kpa168a 30kpa168ca 168.0 187.70 5 272.4 111.2 2 30kpa170a 30kpa170ca 170.0 189.90 5 275.0 110.2 2 30kpa180a 30kpa180ca 180.0 201.10 5 290.4 104.3 2 30kpa198a 30kpa198ca 198.0 221.20 5 319.8 94.7 2 30kpa216a 30kpa216ca 216.0 241.30 5 348.6 86.9 2 30kpa240a 30KPA240CA 240.0 268.10 5 387.0 78.3 2 30kpa258a 30kpa258ca 258.0 288.20 5 416.4 72.8 2 30kpa260a 30kpa260ca 260.0 290.40 5 416.0 72.8 2 30kpa270a 30kpa270ca 270.0 301.60 5 436.2 69.5 2 30kpa280a 30kpa280ca 280.0 312.80 5 464.0 65.3 2 30kpa288a 30kpa288ca 288.0 321.70 5 469.9 64.5 2 r 0kpa series i r (  a) transient voltage suppressors 0kpa series meritek 3 rev 7
figure 1 - peak pulse power rating curve figure 3 - pulse waveform 0 20 40 60 80 100 0 25 50 75 100 125 150 175 200 t a -ambient temperature (oc) peak pulse power (p pp ) or current (i pp ) derating in percentage % 0.1 1 10 100 1000 0.000001 0.00001 0.0001 0.001 td-pulse width (sec.) pppm-peak pulse po wer (kw) i ppm - peak pulse current, % i rsm 0 0 50 100 150 1.0 2.0 3.0 4.0 t r =10sec peak value i ppm i ppm 2 t j =25c pulse width(td) is de ?ned as the point where the peak current decays to 50% of i ppm 10/1000sec. waveform as de?ned by r.e.a t d t-time (ms) half value i ppm ( ) 1 100 10000 0 50 100 150 200 250 300 v br - reverse breakdown voltage (v) cj, junction capacitance (pf) tj=25c f=1.0mhz vsig=50mvp-p bi-directional @ vr bi-directional v = ov uni-directional v = ov uni-directional @ vr 0 1 2 3 4 5 6 7 8 9 0 25 50 75 100 125 150 175 200 l l steady state power dissipation (w) t l - lead temperature (oc) 0 50 100 150 200 250 300 350 400 450 1 10 100 number of cycles at 60 hz i fsm , peak forward surge current (a) figure 1 - peak pulse power rating curve figure 2 - pulse derating curve figure 3 - pulse waveform figure 4 - typical junction capacitance figure 5 - steady state power dissipation derating curve figure 6 - maximum non-repetitive forward surge current uni-directional only r ating and c haracteristic c urves (t a : 25c unless otherwise specified) transient voltage suppressors 0kpa series meritek 4 rev 7


▲Up To Search▲   

 
Price & Availability of 30KPA240CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X